Part Number Hot Search : 
LCX03 AM4966N MHE1205S SI4850EY FDY101PZ 3323W105 SI913611 L1939
Product Description
Full Text Search
 

To Download Z50SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2,500 V - 10,000 V Rectifiers
0.50 A - 1.5 A Forward Current 3000 ns Recovery Time AXIAL LEADED HERMETICALLY SEALED
Z25SG Z50SG Z100SG
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF
(Vf) 25C Volts Amps
uJ-L
L=000 L=.125 L=.250 C/W C/W C/W
55C(1) 100C(2) 25C 100C Volts Z25SG Z50SG Z100SG Amps Amps A A
2500 5000 10000
1.50 1.00 0.50
1.00 0.50 0.25
1.0 1.0 1.0
25 25 25
5.5 8.5 12.0
2.00 1.00 0.60
60 40 25
10 8 5
3000 3000 3000
3 3 3
6 6 6
12 12 12
20 16 8
(1)TL=55C L=0.375" (2)TL=100C L=0.375" (3)If=0.5A, Ir=1.0A, Irr=0.25A * Op.Temp.= -65C to +175C Stg.Temp.= -65C to +200C
.215(5.5) MAX.
A
Part Z25SG Z50SG A .350(8.89) MAX. .400(10.16) MAX.
1.00(25.4) MIN.
.040 .003 (1.02 .08)
Z100SG
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
115
Z25SG Z50SG Z100SG
POWER DERATING
20.0
Maximum Maxumum Power Dissipation (W)
4.0 3.5
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
Z25SG
16.0
L=0.200" L=0.100" L=0.000"
Forward Voltage (V)
L=0.300" L=0.400" L=0.500"
3.0 2.5 2.0 1.5 1.0
12.0
8.0
4.0
0.5 0.0
0.0 0 25 50 75 100 125 Temperature (C) Lead Temperature (C) 150 175
0.0
2.0
4.0 6.0 Forward Current (A)
8.0
10.0
1000.0
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
12.0 10.0
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
Z100SG
Reverse Current (uA)
100.0
Forward Voltage (V)
8.0 6.0 4.0 2.0
Z50SG
10.0
1.0 25 50 75 100 Temperature (C) Temperature (C) 125 150
0.0 0.0 1.0 2.0 3.0 Forward Current (A) 4.0 5.0
3000 2800 Reverse Recovery Time (ns)
TYPICAL REVERSE RECOVERY TIME VS. TEMPERATURE
35.0 30.0 Junction Capacitance (pF) 25.0 20.0 15.0 10.0 5.0 0.0
TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE AT 25C
2600 2400 2200 2000 1800 1600 1400 1200 1000 25 50 75 100 Temperature (C) Temperature (C) 125 150
Z25SG Z50SG
Z100SG
0
20
40 60 Reverse Bias Voltage (V)
80
100
116


▲Up To Search▲   

 
Price & Availability of Z50SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X